Part Number Hot Search : 
SMPJ112 MC340 SC942160 67401J 2N3719 LM358D SMLJ65A EL5221
Product Description
Full Text Search
 

To Download GBJ8005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 GBJ8005 - GBJ810
8.0A GLASS PASSIVATED BRIDGE RECTIFIER Features
* * * * * * * Glass Passivated Die Construction High Case Dielectric Strength of 1500VRMS Low Reverse Leakage Current Surge Overload Rating to 170A Peak Ideal for Printed Circuit Board Applications Plastic Material - UL Flammability Classification 94V-0 UL Listed Under Recognized Component Index, File Number E94661
GBJ Dim A B C D E G Min 29.70 19.70 17.00 3.80 7.30 9.80 2.00 0.90 2.30 4.40 3.40 3.10 2.50 0.60 10.80 Max 30.30 20.30 18.00 4.20 7.70 10.20 2.40 1.10 2.70 4.80 3.80 3.40 2.90 0.80 11.20
L K A M
B
_
S P C R
N
H I J K L M N P R S
Mechanical Data
* * * * * * * Case: Molded Plastic Terminals: Plated Leads, Solderable per MIL-STD-202, Method 208 Polarity: Molded on Body Mounting: Through Hole for #6 Screw Mounting Torque: 5.0 in-lbs Maximum Weight: 6.6 grams (approx.) Marking: Type Number
J D H I
3.0 X 45
G
E
E
All Dimensions in mm
Maximum Ratings and Electrical Characteristics
Single phase, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Forward Rectified Output Current @ TC = 110C Non-Repetitive Peak Forward Surge Current, 8.3ms single half-sine-wave superimposed on rated load (JEDEC method) Forward Voltage per element Peak Reverse Current at Rated DC Blocking Voltage I2t Rating for Fusing (t < 8.3ms) (Note 1) Typical Junction Capacitance per Element (Note 2) Typical Thermal Resistance Junction to Case (Note 3) Operating and Storage Temperature Range @ IF = 4.0A @ TC = 25C @ TC = 125C Symbol VRRM VRWM VR VR(RMS) IO IFSM VFM IR I2 t Cj RqJC Tj, TSTG
@ TA = 25C unless otherwise specified
GBJ 8005 50 35
GBJ 801 100 70
GBJ 802 200 140
GBJ 804 400 280 8.0 170 1.0 5.0 500 120 55 1.6 -65 to +150
GBJ 806 600 420
GBJ 808 800 560
GBJ 810 1000 700
Unit V V A A V mA A2 s pF C/W C
Notes:
1. Non-repetitive, for t > 1.0ms and < 8.3ms. 2. Measured at 1.0 MHz and applied reverse voltage of 4.0V DC. 3. Thermal resistance from junction to case per element. Unit mounted on 100 x 100 x 1.6mm aluminum plate heat sink.
DS21217 Rev. D-2
1 of 2 www.diodes.com
GBJ8005-GBJ810
a Diodes Incorporated
8
With heatsink
IF, INSTANTANEOUS FORWARD CURRENT (A)
10 IO, AVERAGE RECTIFIED CURRENT (A)
10
1.0
6
4
Without heatsink
0.1
2
Resistive or Inductive load
Tj = 25C
0 25 50 75 100 125 150 TC, CASE TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
0.01 0 0.4 0.8 1.2 1.6 1.8 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics (per element)
180
Single half-sine-wave (JEDEC method)
100
Cj, JUNCTION CAPACITANCE (pF)
Tj = 25C f = 1MHz
IFSM, PEAK FWD SURGE CURRENT (A)
160
Tj = 150C
120
10
80
40
0 1 10 100 NUMBER OF CYCLES AT 60 Hz Fig. 3 Maximum Non-Repetitive Surge Current
1 1 10 VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance 100
1000
100
Tj = 125C
Tj = 100C
10
1.0
Tj = 50C
Tj = 25C
0.1 0 20 40 60 80 100 120 140 PERCENT OF RATED PEAK REVERSE VOLTAGE (%) Fig. 5 Typical Reverse Characteristics
DS21217 Rev. D-2
2 of 2 www.diodes.com
GBJ8005-GBJ810


▲Up To Search▲   

 
Price & Availability of GBJ8005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X